PART |
Description |
Maker |
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2-1437024-0 7-1437024-4 7-1437023-4 |
BUCHSENLEISTE IDC VERPOLSCHUTZ 26POL 5-Pin Microprocessor Supervisory Circuits with Watchdog Timer and Manual Reset BUCHSENLEISTE IDC的VERPOLSCHUTZ 40POL 4-Pin, µP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
|
Molex, Inc.
|
MAX6711EXS-T MAX6712EXS-T MAX6711EXS-T10 MAX6712EX |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
Maxim Integrated Produc... Maxim Integrated Products
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|
MAX6314US25D1-T MAX6314US25D2-T MAX6314US25D3-T MA |
68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.93V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms. 68HC11/Bidirectional-Compatible 渭P Reset Circuit 68HC11/Bidirectional-Compatible P Reset Circuit DIODE SWITCHING DUAL SERIES 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL 68HC11/Bidirectional-Compatible レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 20ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.08V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.50V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 140ms. 68HC11/Bidirectional-Compatible μP Reset Circuit
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
APX810 APX809 |
3-PIN MICROPROCESSOR RESET CIRCUITS
|
Diodes
|
AZ809A AZ809ANRTR-E1 AZ809ANSTR-E1 AZ809ANLTR-E1 |
3-PIN MICROPROCESSOR RESET CIRCUIT
|
BCD Semiconductor Manufacturing Limited
|
YB1921MB-F YB1921 YB1921JB-F YB1921LB-F YB1921RB-F |
3-Pin Microprocessor Reset Monitor
|
YOBON TECHNOLOGIES,INC.
|
ACE809MBMH |
3-Pin Microprocessor Reset Circuits
|
ACE Technology Co., LTD...
|